PART |
Description |
Maker |
03-09-2048 03-09-2048-P |
CONN PLUG 4POS .093 4 CONTACT(S), MALE, POWER CONNECTOR, PLUG .093/(2.36) HOUSINGS PLUG & RECEPTACLE 4 CKT, .248/(6.30) CTRS
|
Molex, Inc. Molex Electronics Ltd.
|
0003-09-1171 0003091173 03-09-1173 42191-3R1 42191 |
.093/(2.36) HOUSINGS; PLUG AND RECEPTACLE; 3 CIRCUIT 3091173 3 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc.
|
03-06-1011-P |
PLUG & RECEPTACLE HOUSINGS I CIRCUIT
|
Molex Electronics Ltd.
|
03-06-2043-P |
PLUG AND RECEPTACLE HOUSINGS, 4 CIRCUIT .062/(1.57) DIA.
|
Molex Electronics Ltd.
|
03-06-1043-P 03-06-1044-P |
PLUG AND RECEPTACLE HOUSINGS, 4 CIRCUIT .062 / (1.57) DIA.
|
Molex Electronics Ltd.
|
03-09-1040 03-09-1047 03-09-1047-P 03-09-1049 |
.093/(2.36) HOUSINGS PLUG & RECEPTACLE 4 CKT., .198/(5.03) CL Multipole Connector; Gender:Female; Number of Contacts:4; Series:2163R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:2; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
Molex Electronics Ltd. MOLEX INC
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
0190380011 SD-19038-001 BRB-2180 |
InsulKrimp?/a> Snap Plug Receptacle for 14-16 AWG Wire InsulKrimp Snap Plug Receptacle for 14-16 AWG Wire InsulKrimp垄芒 Snap Plug Receptacle for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
0190390023 BRB-8156T |
Avikrimp Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156), Mylar Tape Carrier Avikrimp?/a> Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156), Mylar Tape Carrier
|
Molex Electronics Ltd. http://
|
C331-8752-000H C252-8838-000H C115373-0002 C115373 |
MDMA - Connectors, Electrical, Rectangular, Microminiature 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 21 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 25 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 9 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 21 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 25 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, RECEPTACLE 37 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG
|
C&K Components C.K Components C & K COMPONENTS INC
|
|